Part Number Hot Search : 
18F87J60 L1N95 TDA8006 APT10M 74VHC16 GA201 1533S C700011
Product Description
Full Text Search
 

To Download DSEC60-03AR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2000 ixys all rights reserved 1 - 2 hiperfred tm epitaxial diode with common cathode and soft recovery pulse test: pulse width = 5 ms, duty cycle < 2.0 % pulse width = 300 s, duty cycle < 2.0 % data according to iec 60747 and per diode unless otherwise specified ixys reserves the right to change limits, test conditions and dimensions. a = anode, c = cathode to-247 ad isoplus 247 tm version a version ar a a c (tab) c a a c isolated back surface * * patent pending ac a features  international standard package  planar passivated chips  very short recovery time  extremely low switching losses  low i rm -values  soft recovery behaviour  epoxy meets ul 94v-0  version ar isolated and ul registered e153432 applications  antiparallel diode for high frequency switching devices  antisaturation diode  snubber diode  free wheeling diode in converters and motor control circuits  rectifiers in switch mode power supplies (smps)  inductive heating  uninterruptible power supplies (ups)  ultrasonic cleaners and welders advantages  avalanche voltage rated for reliable operation  soft reverse recovery for low emi/rfi  low i rm reduces: - power dissipation within the diode - turn-on loss in the commutating switch dimensions see outlines.pdf d4 dsec 60-03a dsec 60-03ar v rsm v rrm type v v 300 300 dsec 60-03a 300 300 dsec 60-03ar i fav = 2x30 a v rrm = 300 v t rr = 30 ns 045 symbol conditions maximum ratings i frms 70 a i favm t c = 145c; rectangular, d = 0.5 30 a t c = 135c (ar-version) i fsm t vj = 45c; t p = 10 ms (50 hz), sine 300 a e as t vj = 25c; non-repetitive 1.2 mj i as = 3 a; l = 180 h i ar v a = 1.5 v r typ.; f = 10 khz; repetitive 0.3 a t vj -55...+175 c t vjm 175 c t stg -55...+150 c p tot t c = 25c 165 w m d * mounting torque 0.8...1.2 nm f c mounting force w ith c lip 20...120 n v isol ** 50/60 hz, rms, t = 1 minute, leads-to-tab 2500 v~ weight typical 6 g * verson a only; ** version ar only symbol conditions characteristic values typ. max. i r t vj = 25c v r = v rrm 250 a t vj = 150c v r = v rrm 1ma v f i f = 30 a; t vj = 150c 0.91 v t vj = 25c 1.25 v r thjc a-version 0.9 k/w ar-version 1.1 k/w r thch 0.25 k/w t rr i f = 1 a; -di/dt = 200 a/ s; 30 ns v r = 30 v; t vj = 25c i rm v r = 100 v; i f = 50 a; -di f /dt = 100 a/ s7a t vj = 100c
? 2000 ixys all rights reserved 2 - 2 dsec 60-03a dsec 60-03ar note: fig. 2 to fig. 6 shows typical values 200 600 1000 0 400 800 40 50 60 70 80 90 0.00001 0.0001 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 0 40 80 120 160 0.4 0.6 0.8 1.0 1.2 1.4 k f t vj c -di f /dt t s k/w 0 200 400 600 800 1000 8 10 12 14 0.0 0.2 0.4 0.6 0.8 1.0 1.2 v fr di f /dt v 200 600 1000 0 400 800 0 5 10 15 20 25 30 100 1000 0 200 400 600 800 0.0 0.5 1.0 1.5 0 20 40 60 i rm q r i f a v f -di f /dt -di f /dt a/ s a v nc a/ s a/ s t rr ns t fr a/ s s dsep30-03a/dsec 60-03a z thjc t vj =150c t vj =100c t vj = 25c i f = 60a i f = 30a i f = 15a t vj = 100c v r = 150v t vj = 100c v r = 150v t vj = 100c v r = 150v t vj = 100c i f = 30a v fr t fr i rm q r i f = 60a i f = 30a i f = 15a i f = 60a i f = 30a i f = 15a fig. 3 peak reverse current i rm versus -di f /dt fig. 2 reverse recovery charge q r versus -di f /dt fig. 1 forward current i f versus v f fig. 4 dynamic parameters q r , i rm versus t vj fig. 5 recovery time t rr versus -di f /dt fig. 6 peak forward voltage v fr and t fr versus di f /dt fig. 7 transient thermal resistance junction to case constants for z thjc calculation: ir thi (k/w) t i (s) 1 0.465 0.005 2 0.179 0.0003 3 0.256 0.04 045


▲Up To Search▲   

 
Price & Availability of DSEC60-03AR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X